PART |
Description |
Maker |
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
FTSO4121 FTSO4122 FTSO3646 FTSO3693 FTSO3694 FTSO5 |
PNP small signal general purpose amplifier & switch. NPN high speed saturated logic switch. NPN small signal general purpose amplifier.
|
Fairchild Semiconductor
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N5223 2N5227 FTSO5225 FTSO5224 FTSO5228 FTSO5227 |
NPN low level switch. PNP small signal general purpose amplifier & oscillator. NPN Small Signal General Purpose Amplifier & Oscillator NPN-PNP small signal general purpose complementary amplifier . PNP low level switch.
|
Fairchild Semiconductor
|
2SC5343 |
General small signal amplifier
|
KODENSHI KOREA CORP.
|
2SC5343UF |
General small signal amplifier
|
KODENSHI KOREA CORP.
|
2SC5343U |
General small signal amplifier
|
KODENSHI KOREA CORP.
|
2SC2412K 2SC5658 |
General purpose small signal amplifier
|
Rohm
|
2SA1576UB 2SA1576UB09 |
General purpose small signal amplifier
|
Rohm
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|